Part Number Hot Search : 
15KPA110 20KP36A MIW5032 RF205 T1123 TSF15 PCT220A1 HCT2G
Product Description
Full Text Search
 

To Download MC100LVEL01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
4-Input OR/NOR
The MC100LVEL01 is a 4-input OR/NOR gate. The device is functionally equivalent to the EL01 device and works from a -3.3V supply. With AC performance similar to the EL01 device, the LVEL01 is ideal for low voltage applications which require the ultimate in AC performance.
MC100LVEL01
* * * * *
370ps Propagation Delay High Bandwidth Output Transitions Specified for -3.3V (or 3.3V) Supply Voltage 75k Internal Input Pulldown Resistors >2000V ESD Protection LOGIC DIAGRAM AND PINOUT ASSIGNMENT
D SUFFIX PLASTIC SOIC PACKAGE CASE 751-05
8 1
D0 1
8 VCC
D1 2
7Q
PIN DESCRIPTION
D2 3
6Q
PIN D0-D3 Q
FUNCTION Data Inputs Data Outputs
D3 4
5 VEE
DC CHARACTERISTICS
-40C Symbol IEE VEE IIH Characteristic Power Supply Current Power Supply Voltage Input HIGH Current -3.0 Min Typ 15 -3.3 Max 20 -3.8 150 -3.0 Min 0C Typ 15 -3.3 Max 20 -3.8 150 -3.0 Min 25C Typ 15 -3.3 Max 20 -3.8 150 -3.0 Min 85C Typ 17 -3.3 Max 22 -3.8 150 Unit mA V A
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
-40C Symbol tPLH tPHL tskew tr tf Characteristic Propagation Delay to Output Input Skew Output Rise/Fall Times Q (20% - 80%) 120 Min 210 Typ 310 40 225 320 120 Max 510 Min 260 0C Typ 360 40 225 320 120 Max 460 Min 270 25C Typ 370 40 225 320 120 Max 470 Min 290 85C Typ 390 40 225 320 Max 490 Unit ps ps ps
7/96
(c) Motorola, Inc. 1996
3-1
REV 0
MC100LVEL01
OUTLINE DIMENSIONS
D SUFFIX PLASTIC SOIC PACKAGE CASE 751-05 ISSUE P
-A- B
M 8 5 X 45 _
J
1 4
4X
-B-
M_ G F
NOTES: 1. DIMENSIONS A AND B ARE DATUMS AND T IS A DATUM SURFACE. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 3. DIMENSIONS ARE IN MILLIMETER. 4. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 5. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 6. DIMENSION D DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.18 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
P
0.25 (0.010)
M
-T-
8X
C
SEATING PLANE
D 0.25 (0.010)
M
K
TB
S
A
S
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
R
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MOTOROLA 3-2
*MC100LVEL01/D*
MC100LVEL01/D ECLinPS and ECLinPS Lite DL140 -- Rev 3


▲Up To Search▲   

 
Price & Availability of MC100LVEL01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X